Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL710 Datasheet(PDF) 10 Page - Micronas

Part # HAL710
Description  Hall-Effect Sensors with Direction Detection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL710 Datasheet(HTML) 10 Page - Micronas

Back Button HAL710_1 Datasheet HTML 6Page - Micronas HAL710_1 Datasheet HTML 7Page - Micronas HAL710_1 Datasheet HTML 8Page - Micronas HAL710_1 Datasheet HTML 9Page - Micronas HAL710_1 Datasheet HTML 10Page - Micronas HAL710_1 Datasheet HTML 11Page - Micronas HAL710_1 Datasheet HTML 12Page - Micronas HAL710_1 Datasheet HTML 13Page - Micronas HAL710_1 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HAL 710, HAL 730
DATA SHEET
10
Oct. 13, 2009; DSH000031_002EN
Micronas
3.2. Dimensions of Sensitive Area
0.25 mm
× 0.12 mm
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30 °C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions” of this spec-
ification is not implied, may result in unpredictable behavior of the device and may reduce reliability and lifetime.
All voltages listed are referenced to ground (GND).
SOT89B-2
x1 + x2
(2.35
±0.001) mm
x1 = x2
1.175 mm
y0.975 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
2, 3
−0.3
281)
V
IO
Continuous Output Current
2, 3
201)
mA
TJ
Junction Temperature Range
−40
170
°C
1) as long as T
Jmax is not exceeded
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
3.8
24
V
IO
Continuous Output Current
30
10
mA
VO
Output Voltage (output switch off)
30
24
V


Similar Part No. - HAL710_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL710SF-E ETC-HAL710SF-E Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
HAL710SF-K ETC-HAL710SF-K Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
More results

Similar Description - HAL710_1

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Infineon Technologies A...
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com