Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL508 Datasheet(PDF) 1 Page - Micronas

Part # HAL508
Description  Multipurpose Hall-Effect Sensor Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL508 Datasheet(HTML) 1 Page - Micronas

  HAL508 Datasheet HTML 1Page - Micronas HAL508 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 5xy
Sept/2006
PRODUCT INFORMATION
HAL 5xy
Multipurpose Hall-Effect Sensor Family
PRODUCT INFORMATION
The HAL 5xy family consists of different
Hall switches produced in CMOS technol-
ogy. All sensors include a temperature-
compensated Hall plate with active offset
compensation, a comparator, and an open-
drain output transistor. The comparator
compares the actual magnetic flux through
the Hall plate (Hall voltage) with the fixed
reference values (switching points). Accord-
ingly, the output transistor is switched on or
off.
The sensors of this family differ in the
switching behavior and the switching points.
The active offset compensation leads to
constant magnetic characteristics over sup-
ply voltage and temperature range. In addi-
tion, the magnetic parameters are robust
against mechanical stress effects.
The sensors are designed for industrial and
automotive applications and operate with
supply voltages from 3.8 V to 24 V in the
ambient temperature range from –40 °C up
to 150 °C.
All sensors are available in the SMD-pack-
age SOT89B-1 and in the leaded versions
TO92UA-1 and TO92UA-2.
Features
V Switching offset compensation at typi-
cally 62 kHz
V Operates from 3.8 V to 24 V
supply voltage
V Overvoltage protection at all pins
V Reverse-voltage protection at VDD-pin
V Magnetic characteristics are robust
regarding mechanical stress effects
V Short-circuit protected open-drain out-
put by thermal shut down
V Operates with static magnetic fields and
dynamic magnetic fields up to 10 kHz
V Constant switching points over a wide
supply voltage range
V The decrease of magnetic flux density
caused by rising temperature in the sen-
sor system is compensated by a built-in
negative temperature coefficient of the
magnetic characteristics
V Ideal sensor for applications in extreme
automotive and industrial environments
V EMC corresponding to ISO 7637
V Operates from −40 °C to 170 °C junction
temperature
Major Applications
The HAL 5xy is the optimal system solution
for applications, such as:
V Endposition detection
V RPM measurement of motors in various
applications, such as power window
V Brushless DC motors
V RPM measurements in flow meters
V Replacement of micro switches


Similar Part No. - HAL508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL508 ETC-HAL508 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL508 MICRONAS-HAL508 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
logo
List of Unclassifed Man...
HAL508A ETC-HAL508A Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL508E ETC-HAL508E Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL508K ETC-HAL508K Datasheet
315Kb / 44P
   Hall Effect Sensor Family
More results

Similar Description - HAL508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com