Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HCT4067DB
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT4067DB Datasheet HTML 1Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 2Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 3Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 4Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 7Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 8Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The 74HC4067; 74HCT4067 is a high-speed Si-gate CMOS device and is pin compatible
with the HEF4067B. The device is specified in compliance with JEDEC standard no. 7A.
The 74HC4067; 74HCT4067 is a 16-channel analog multiplexer/demultiplexer with four
address inputs (S0 to S3), an active-LOW enable input (E), sixteen independent
inputs/outputs (Y0 to Y15) and a common input/output (Z).
The 74HC4067; 74HCT4067 contains sixteen bidirectional analog switches, each with
one side connected to an independent input/output (Y0 to Y15) and the other side
connected to a common input/output (Z).
With pin E = LOW, one of the sixteen switches is selected by pins S0 to S3 (low
impedance ON-state). All unselected switches are in the high-impedance OFF-state.
With pin E = HIGH, all switches are in the high-impedance OFF-state, independent of pins
S0 to S3.
The analog inputs/outputs (Y0 to Y15, and Z) can swing between VCC as a positive limit
and GND as a negative limit. VCC to GND may not exceed 10 V.
2.
Features
I Low ON resistance:
N 80 Ω (typical) at VCC = 4.5 V
N 70 Ω (typical) at VCC = 6.0 V
N 60 Ω (typical) at VCC = 9.0 V
I Typical ‘break before make’ built-in
3.
Applications
I Analog multiplexing and demultiplexing
I Digital multiplexing and demultiplexing
I Signal gating
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Rev. 03 — 15 October 2007
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn