Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74HCT4067DB
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4067DB Datasheet HTML 2Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 3Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 4Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 7Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 8Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 9Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
6 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input.
Fig 6.
Pin configuration for DIP24, SO24, SSOP24 and
TSSOP24
Fig 7.
Pin configuration for DHVQFN24
74HC4067
74HCT4067
ZVCC
Y7
Y8
Y6
Y9
Y5
Y10
Y4
Y11
Y3
Y12
Y2
Y13
Y1
Y14
Y0
Y15
S0
E
S1
S2
GND
S3
001aag730
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
001aag731
74HC4067
74HCT4067
Transparent top view
S2
S0
S1
E
Y0
Y15
Y1
Y14
Y2
Y13
Y3
Y12
Y4
Y11
Y5
Y10
Y6
Y9
Y7
Y8
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
Z
1
common input/output
Y7
2
independent input/output 7
Y6
3
independent input/output 6
Y5
4
independent input/output 5
Y4
5
independent input/output 4
Y3
6
independent input/output 3
Y2
7
independent input/output 2
Y1
8
independent input/output 1
Y0
9
independent input/output 0
S0
10
address input 0
S1
11
address input 1
GND
12
ground (0 V)
S3
13
address input 3
S2
14
address input 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn