Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067DB Datasheet(PDF) 19 Page - NXP Semiconductors

Part No. 74HCT4067DB
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067DB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HCT4067DB Datasheet HTML 15Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 16Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 17Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 18Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 19Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 20Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 21Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 22Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
19 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
13. Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for fi = 1 MHz (0 dBm = 1 mW into 50 Ω). After set-up, fi is increased to obtain a reading of
−3 dB at V
os.
Table 13.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb = 25 °C.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
RL = 10 kΩ; CL = 50 pF; see Figure 15
fi = 1 kHz
VCC = 4.5 V; Vis(p-p) = 4.0 V
-
0.04
-
%
VCC = 9.0 V; Vis(p-p) = 8.0 V
-
0.02
-
%
fi = 10 kHz
VCC = 4.5 V; Vis(p-p) = 4.0 V
-
0.12
-
%
VCC = 9.0 V; Vis(p-p) = 8.0 V
-
0.06
-
%
αiso
isolation (OFF-state)
RL = 600 Ω; CL = 50 pF; see Figure 16
[1]
VCC = 4.5 V
-
−50
-
dB
VCC = 9.0 V
-
−50
-
dB
f(-3dB)
−3 dB frequency response RL = 50 Ω;CL = 10 pF; see Figure 17
[2]
VCC = 4.5 V
-
90
-
MHz
VCC = 9.0 V
-
100
-
MHz
Csw
switch capacitance
independent pins Y
-
5
-
pF
common pin Z
-
45
-
pF
Fig 15. Test circuit for measuring total harmonic distortion
10
µF
001aag736
VIL
Z
GND
Yn
E
Vos
D
VCC
2RL
2RL
CL
Vis
fi
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn