Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067DB Datasheet(PDF) 18 Page - NXP Semiconductors

Part No. 74HCT4067DB
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067DB Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74HCT4067DB Datasheet HTML 14Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 15Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 16Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 17Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 18Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 19Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 20Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 21Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
74HC_HCT4067_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 15 October 2007
18 of 29
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
[1]
For 74HCT4067: maximum input voltage VI = 3.0 V.
Test data is given in Table 12.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
S1 = Test selection switch.
Fig 14. Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aag732
VCC
VCC
open
GND
VI
Vos
DUT
CL
RT
RL
S1
PULSE
GENERATOR
Vis
Table 12.
Test data
Test
Input
Output
S1 position
Control E
Address Sn
Switch Yn (Z) tr, tf
Switch Z (Yn)
VI[1]
VI[1]
Vis
CL
RL
tPHL, tPLH
GND
GND or VCC
GND to VCC
6 ns
50 pF
-
open
tPHZ, tPZH
GND to VCC
GND to VCC
VCC
6 ns
50 pF, 15 pF
1 k
GND
tPLZ, tPZL
GND to VCC
GND to VCC
GND
6 ns
50 pF, 15 pF
1 k
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn