Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZTA92 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FZTA92
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

   
 1 page
background image
SOT223 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 2 – JANUARY 1996
7
FEATURES
* High breakdown voltage
APPLICATIONS
* Suitable for video output stages in TV sets
and switch mode power supplies
COMPLIMENTARY TYPE –
FZTA42
PARTMARKING DETAIL –
DEVICE TYPE IN FULL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Base Current
IB
-100
mA
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-300
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-300
V
IC=-1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-0.25
µ
A
VCB=-200V, IE=0
Emitter Cut-Off Current IEBO
-0.1
µ
A
VEB=-3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
V
IC=-20mA, IB=-2mA
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-20mA, IB=-2mA
Static Forward Current
Transfer Ratio
hFE
25
40
25
IC=-1mA, VCE=-10V*
IC=-10mA, VCE=-10V*
IC=-30mA, VCE=-10V*
Transition
Frequency
fT
50
MHz
IC=-10mA, VCE=-20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=-20V, f=1MHz
* Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical characteristics graphs see FMMTA92 datasheet.
FZTA92
C
C
E
B
3 - 305




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZTX560E-LINE PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 3 Zetex Semiconductors
FMMT593PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 Zetex Semiconductors
ZTX576PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR 1 2 Zetex Semiconductors
FCX593PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
FMMT596PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 Zetex Semiconductors
FCX596PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
FMMT597PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 Zetex Semiconductors
FXTA92PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 Zetex Semiconductors
FMMTA93SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 2 Zetex Semiconductors
BSP15SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR 1 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl