Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC457 Datasheet(PDF) 24 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC457
Description  S-profile motion controller with PID feedback control and high resolution micro stepping sequencer for stepper motors and piezo motors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC457 Datasheet(HTML) 24 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC457_1 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 26Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 27Page - TRINAMIC Motion Control GmbH & Co. KG. TMC457_1 Datasheet HTML 28Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
TMC457 DATASHEET (V. 1.16 / 2009-Nov-25)
24
Copyright © 2009 TRINAMIC Motion Control GmbH & Co. KG
Sequencer Configuration Register
R/W
Addr
Bits
Register
Description
Range
0x50
- (reserved)
0x51
- (reserved)
0x52
- (reserved)
0x53
- (reserved)
RW
0x54
8…0
seq_mode
bit
3…0: microstep table length
Controls the number of microsteps per
electrical period. For a stepper motor,
the resulting microstep rate is ¼ of the
table length.
Values:
0:
8192 entries (Default),
1:
4096 entries, …
10: 8 entries,
11: 4 entries (full stepping)
bit 8: sequencer stop
W
0x55
23…0
dacscale_icntl
bit 0..4: current_op
default=%
00000000
00000000
10010000
bit 7: mixdecay_op
bit 8..12: current_sb
bit 15: mixdecay_sb
W
0x56
2…0
stallguard_thrs
StallGuard threshold
0…7
R
2…0
stallguard_
value
actual StallGuard value reported by
TMC249
0…7
R
0x57
2…0
driver_status
Driver status read back information:
bit 0 : tmcdrv_error (OT, UV, OCHS,
OCB, OCA. i.e. all driver shutdown
conditions)
bit 1 : tmcdrv_otpw (over temperature
pre-warning)
bit 2 : tmcdrv_stall (StallGuard)
0x58
- (reserved)
W
0x59
11…0
chop_clk_div
chopper clock frequency register
(for safety reasons a value below 96 can
not be set)
96…818
default = 640
0x55: dacscale_icntl
– Sequencer Configuration Register
R/W
Bit
Function
Value
Description
W
4…0 current_op
0…16
Motor current scale during operation (Default=16)
Allows a current scaling by scaling the sine table entries
before sending to the DACs or to the SPI stepper drivers.
This function is available only for stepper motors.
16 = 100%
15...1 = 15 / 16 ... 1 / 16
0 = DAC disable / stepper driver disable
7
mixdecay_op
1
Mixed Decay Enable Operation (Default = 1)
Enables the TMC23X / TMC24X mixed decay feature during
motor operation.
12…8 current_sb
0…16
Standby current scale (Default=0)
The motor is switched to the standby current after a delay
time controller by stdby_delay.
Same values as for current_op.
15
mixdecay_sb
1
Mixed Decay Enable Standby (Default=0)
Enables the TMC23X / TMC24X mixed decay feature during
motor stand still.


Similar Part No. - TMC457_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC457-BC TRINAMIC-TMC457-BC Datasheet
396Kb / 1P
   Stepper and Piezo Motor Controller (S-shapeRamps) with Encoder Interface, easyPID??Feedback Control and Integrated Sequencer
TMC457-Eval TRINAMIC-TMC457-Eval Datasheet
396Kb / 1P
   Stepper and Piezo Motor Controller (S-shapeRamps) with Encoder Interface, easyPID??Feedback Control and Integrated Sequencer
More results

Similar Description - TMC457_1

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
TMC457 TRINAMIC-TMC457 Datasheet
396Kb / 1P
   Stepper and Piezo Motor Controller (S-shapeRamps) with Encoder Interface, easyPID??Feedback Control and Integrated Sequencer
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
STMicroelectronics
L6506 STMICROELECTRONICS-L6506_03 Datasheet
477Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
L6506D013TR STMICROELECTRONICS-L6506D013TR Datasheet
511Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
logo
Copal Electronics
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
   STEPPING MOTORS
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
   STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
   Stepping Motors
M35SP-15 MITSUMI-M35SP-15 Datasheet
63Kb / 1P
   Stepping Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com