Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060D Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. 74HCT4060D
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4060D Datasheet HTML 6Page - NXP Semiconductors 74HCT4060D Datasheet HTML 7Page - NXP Semiconductors 74HCT4060D Datasheet HTML 8Page - NXP Semiconductors 74HCT4060D Datasheet HTML 9Page - NXP Semiconductors 74HCT4060D Datasheet HTML 10Page - NXP Semiconductors 74HCT4060D Datasheet HTML 11Page - NXP Semiconductors 74HCT4060D Datasheet HTML 12Page - NXP Semiconductors 74HCT4060D Datasheet HTML 13Page - NXP Semiconductors 74HCT4060D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
10 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
11. Dynamic characteristics
Table 6.
Dynamic characteristics
GND = 0 V; CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4060
tpd
propagation
delay
RS to Q3; see Figure 8
[1]
VCC = 2.0 V
-
99
300
-
375
-
450
ns
VCC = 4.5 V
-
36
60
-
75
-
90
ns
VCC = 5.0 V; CL =15pF
-
31
-
-
-
-
-
ns
VCC = 6.0 V
-
29
51
-
64
-
77
ns
Qn to Qn+1; see Figure 9
[2]
VCC = 2.0 V
-
22
80
-
100
-
120
ns
VCC = 4.5 V
-
8
16
-
20
-
24
ns
VCC = 5.0 V; CL =15pF
-
6
-
-
-
-
-
ns
VCC = 6.0 V
-
6
14
-
17
-
20
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 10
VCC = 2.0 V
-
55
175
-
220
-
265
ns
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
16
30
-
37
-
45
ns
tt
transition time Qn; see Figure 8
[3]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
RS (HIGH or LOW);
see Figure 8
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR (HIGH); see Figure 10
VCC = 2.0 V
80
25
-
100
-
120
-
ns
VCC = 4.5 V
16
9
-
20
-
24
-
ns
VCC = 6.0 V
14
7
-
17
-
20
-
ns
trec
recovery time
MR to RS; see Figure 10
VCC = 2.0 V
100
28
-
125
-
150
-
ns
VCC = 4.5 V
20
10
-
25
-
30
-
ns
VCC = 6.0 V
17
8
-
21
-
26
-
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn