Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HCT4060N Datasheet HTML 11Page - NXP Semiconductors 74HCT4060N Datasheet HTML 12Page - NXP Semiconductors 74HCT4060N Datasheet HTML 13Page - NXP Semiconductors 74HCT4060N Datasheet HTML 14Page - NXP Semiconductors 74HCT4060N Datasheet HTML 15Page - NXP Semiconductors 74HCT4060N Datasheet HTML 16Page - NXP Semiconductors 74HCT4060N Datasheet HTML 17Page - NXP Semiconductors 74HCT4060N Datasheet HTML 18Page - NXP Semiconductors 74HCT4060N Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
15 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
13. RC oscillator
13.1 Timing component limitations
The oscillator frequency is mainly determined by RtCt, provided R2 ≈ 2Rt and
R2C2 << RtCt. The function of R2 is to minimize the influence of the forward voltage
across the input protection diodes on the frequency. The stray capacitance C2 should be
kept as small as possible. In consideration of accuracy, Ct must be larger than the inherent
stray capacitance. Rt must be larger than the ON resistance in series with it, which
typically is 280
Ω at V
CC = 2.0 V, 130 Ω at VCC = 4.5 V and 100 Ω at VCC = 6.0 V.
The recommended values for these components to maintain agreement with the typical
oscillation formula are:
Ct > 50 pF, up to any practical value and 10 kΩ <Rt <1 MΩ.
In order to avoid start-up problems, Rt ≥ 1 kΩ.
13.2 Typical crystal oscillator circuit
In Figure 13, R2 is the power limiting resistor. For starting and maintaining oscillation a
minimum transconductance is necessary, so R2 should not be too large. A practical value
for R2 is 2.2 k
Ω.
Typical formula for oscillator frequency:
Fig 12. Example of a RC oscillator
001aai121
MR (from logic)
C2
R2
Rt
RTC
11 RS
CTC
10
9
Ct
74HC4060
74HCT4060
f
osc
1
2.5
R
t
×
C
t
×
-------------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn