Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HCT4060N Datasheet HTML 10Page - NXP Semiconductors 74HCT4060N Datasheet HTML 11Page - NXP Semiconductors 74HCT4060N Datasheet HTML 12Page - NXP Semiconductors 74HCT4060N Datasheet HTML 13Page - NXP Semiconductors 74HCT4060N Datasheet HTML 14Page - NXP Semiconductors 74HCT4060N Datasheet HTML 15Page - NXP Semiconductors 74HCT4060N Datasheet HTML 16Page - NXP Semiconductors 74HCT4060N Datasheet HTML 17Page - NXP Semiconductors 74HCT4060N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
14 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
Test data is given in Table 8.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
Fig 11. Test circuit for measuring switching times
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G
Table 8.
Test data
Type
Input
Load
VI
tr, tf
CL
74HC4060
VCC
6 ns
15 pF, 50 pF
74HCT4060
3 V
6 ns
15 pF, 50 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn