Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4060N Datasheet HTML 5Page - NXP Semiconductors 74HCT4060N Datasheet HTML 6Page - NXP Semiconductors 74HCT4060N Datasheet HTML 7Page - NXP Semiconductors 74HCT4060N Datasheet HTML 8Page - NXP Semiconductors 74HCT4060N Datasheet HTML 9Page - NXP Semiconductors 74HCT4060N Datasheet HTML 10Page - NXP Semiconductors 74HCT4060N Datasheet HTML 11Page - NXP Semiconductors 74HCT4060N Datasheet HTML 12Page - NXP Semiconductors 74HCT4060N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
9 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
[1]
For HCT4060, only input MR (pin 12) has TTL input switching levels.
VOH
HIGH-level
output
voltage
RTC output; RS = MR = VCC
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −0.65 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
RTC output; RS = MR = GND
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −2.6 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
CTC output; RS = VIH;
MR = VIL
IO = −3.2 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
VI =VIH or VIL;
except RTC output
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
VI =VIH or VIL;
except RTC and CTC outputs
IO = −4.0 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
VOL
LOW-level
output
voltage
RTC output; RS = VCC;
MR = GND
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 2.6 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
CTC output; RS = VIL;
MR = VIH
IO = 3.2 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
VI =VIH or VIL;
except RTC output
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
VI =VIH or VIL;
except RTC and CTC outputs
IO = 4.0 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0
µA
ICC
supply
current
VI =VCC or GND;
VCC = 5.5 V; IO =0A
-
-
8.0
-
80
-
160
µA
∆ICC
additional
supply
current
per input pin;
VI =VCC − 2.1 V; other inputs
at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
-
40
144
-
180
-
196
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
Table 5.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn