Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT4060N Datasheet HTML 1Page - NXP Semiconductors 74HCT4060N Datasheet HTML 2Page - NXP Semiconductors 74HCT4060N Datasheet HTML 3Page - NXP Semiconductors 74HCT4060N Datasheet HTML 4Page - NXP Semiconductors 74HCT4060N Datasheet HTML 5Page - NXP Semiconductors 74HCT4060N Datasheet HTML 6Page - NXP Semiconductors 74HCT4060N Datasheet HTML 7Page - NXP Semiconductors 74HCT4060N Datasheet HTML 8Page - NXP Semiconductors 74HCT4060N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
4 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
supply pin or input.
Fig 5.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
74HC4060
74HCT4060
Q11
VCC
Q12
Q9
Q13
Q7
Q5
Q8
Q4
MR
Q6
RS
Q3
RTC
GND
CTC
001aai115
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aai469
74HC4060
74HCT4060
Q3
RTC
Q6
RS
Q4
MR
Q5
Q8
Q13
Q7
Q12
Q9
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
Q11 to Q13
1, 2, 3
counter output
Q3 to Q9
7, 5, 4, 6, 14, 13, 15
counter output
GND
8
ground (0 V)
CTC
9
external capacitor connection
RTC
10
external resistor connection
RS
11
clock input /oscillator pin
MR
12
master reset input (active HIGH)
VCC
16
supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn