Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 17 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74HCT4060N Datasheet HTML 13Page - NXP Semiconductors 74HCT4060N Datasheet HTML 14Page - NXP Semiconductors 74HCT4060N Datasheet HTML 15Page - NXP Semiconductors 74HCT4060N Datasheet HTML 16Page - NXP Semiconductors 74HCT4060N Datasheet HTML 17Page - NXP Semiconductors 74HCT4060N Datasheet HTML 18Page - NXP Semiconductors 74HCT4060N Datasheet HTML 19Page - NXP Semiconductors 74HCT4060N Datasheet HTML 20Page - NXP Semiconductors 74HCT4060N Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
17 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
VCC = 2.0 V to 6.0 V; Tamb =25 °C.
For Rt curve: Ct = 1 nF; R2 = 2 × Rt.
VCC = 2.0 V to 6.0 V; Tamb =25 °C.
For Ct curve: Rt = 100 kΩ; R2 = 200 kΩ.
Fig 16. RC oscillator frequency as a function of Rt
Fig 17. RC oscillator frequency as a function of Ct
001aai125
Rt (Ω)
103
106
105
104
102
103
104
105
fosc
(Hz)
10
Rt
001aai127
Ct (µF)
10−4
10−1
10−2
10−3
102
103
104
105
fosc
(Hz)
10
Ct


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn