Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4060N Datasheet(PDF) 16 Page - NXP Semiconductors

Part No. 74HCT4060N
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060N Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HCT4060N Datasheet HTML 12Page - NXP Semiconductors 74HCT4060N Datasheet HTML 13Page - NXP Semiconductors 74HCT4060N Datasheet HTML 14Page - NXP Semiconductors 74HCT4060N Datasheet HTML 15Page - NXP Semiconductors 74HCT4060N Datasheet HTML 16Page - NXP Semiconductors 74HCT4060N Datasheet HTML 17Page - NXP Semiconductors 74HCT4060N Datasheet HTML 18Page - NXP Semiconductors 74HCT4060N Datasheet HTML 19Page - NXP Semiconductors 74HCT4060N Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
16 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
gfs = ∆IO / ∆VI at VO is constant; MR = LOW.
See also Figure 15.
Fig 13. External component connection for a crystal
oscillator
Fig 14. Test set-up for measuring forward
transconductance
001aai122
MR (from logic)
C2
100 pF
C3
22 pF to 37 pF
Rbias
100 k
Ω to 1MΩ
R2
2.2 k
RTC
11 RS
10
74HC4060
74HCT4060
001aai123
560 k
Rbias
input
0.47 pF
100
µF
output
GND
VDD
VI
(fi = 1 kHz)
IO
A
Tamb =25 °C.
(1) Maximum.
(2) Typical.
(3) Minimum.
Fig 15. Typical forward transconductance as function of the supply voltage
001aai124
VCC (V)
06
4
2
6
10
14
gfs
(mA/V)
2
(1)
(2)
(3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn