Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4052N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC4052N
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052N Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4052N Datasheet HTML 1Page - NXP Semiconductors 74HC4052N Datasheet HTML 2Page - NXP Semiconductors 74HC4052N Datasheet HTML 3Page - NXP Semiconductors 74HC4052N Datasheet HTML 4Page - NXP Semiconductors 74HC4052N Datasheet HTML 5Page - NXP Semiconductors 74HC4052N Datasheet HTML 6Page - NXP Semiconductors 74HC4052N Datasheet HTML 7Page - NXP Semiconductors 74HC4052N Datasheet HTML 8Page - NXP Semiconductors 74HC4052N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
5 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
8.
Limiting values
[1]
To avoid drawing VCC current out of pins nZ, when switch current flows in pins nYn, the voltage drop across the bidirectional switch must
not exceed 0.4 V. If the switch current flows into pins nZ, no VCC current will flow out of pins nYn. In this case there is no limit for the
voltage drop across the switch, but the voltages at pins nYn and nZ may not exceed VCC or VEE.
[2]
For DIP16 packages: above 70
°C the value of P
tot derates linearly with 12 mW/K.
For SO16 packages: above 70
°C the value of P
tot derates linearly with 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
°C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Input
Channel on
E
S1
S0
L
L
L
nY0 and nZ
L
L
H
nY1 and nZ
L
H
L
nY2 and nZ
L
H
H
nY3 and nZ
H
X
X
none
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to VEE = GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
−0.5
+11.0
V
IIK
input clamping current
VI < −0.5 V or VI > VCC + 0.5 V
-
±20
mA
ISK
switch clamping current
VSW < −0.5 V or VSW > VCC + 0.5 V
-
±20
mA
ISW
switch current
−0.5 V < V
SW < VCC + 0.5 V
-
±25
mA
IEE
supply current
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
P
power dissipation
per switch
-
100
mW


Similar Part No. - 74HC4052N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052N PHILIPS-74HC4052N Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
74HC4052N NXP-74HC4052N Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
More results

Similar Description - 74HC4052N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com