Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 11Page - NXP Semiconductors 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors 74HC4052DB Datasheet HTML 13Page - NXP Semiconductors 74HC4052DB Datasheet HTML 14Page - NXP Semiconductors 74HC4052DB Datasheet HTML 15Page - NXP Semiconductors 74HC4052DB Datasheet HTML 16Page - NXP Semiconductors 74HC4052DB Datasheet HTML 17Page - NXP Semiconductors 74HC4052DB Datasheet HTML 18Page - NXP Semiconductors 74HC4052DB Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
15 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
For 74HC4052: VM = 0.5 × VCC.
For 74HCT4052: VM = 1.3 V.
Fig 14. Turn-on and turn-off times
001aae330
tPLZ
tPHZ
switch OFF
switch ON
switch ON
Vos output
Vos output
E, Sn inputs
VM
VI
0 V
90 %
10 %
tPZL
tPZH
50 %
50 %
Definitions for test circuit; see Table 11:
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
RL = load resistance.
S1 = Test selection switch.
Fig 15. Test circuit for measuring AC performance
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae382
VCC
VCC
open
GND
VEE
VI
Vos
DUT
CL
RT
RL
S1
PULSE
GENERATOR
Vis


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn