Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 9Page - NXP Semiconductors 74HC4052DB Datasheet HTML 10Page - NXP Semiconductors 74HC4052DB Datasheet HTML 11Page - NXP Semiconductors 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors 74HC4052DB Datasheet HTML 13Page - NXP Semiconductors 74HC4052DB Datasheet HTML 14Page - NXP Semiconductors 74HC4052DB Datasheet HTML 15Page - NXP Semiconductors 74HC4052DB Datasheet HTML 16Page - NXP Semiconductors 74HC4052DB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
13 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
All typical values are measured at Tamb = 25 °C.
[2]
tpd is the same as tPHL and tPLH.
[3]
ton is the same as tPZH and tPZL.
[4]
toff is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC2 × fi × N + Σ{(CL + Csw) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
N = number of inputs switching;
Σ{(C
L + Csw) × VCC
2
× f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
toff
turn-off time
E, Sn to Vos; RL = 1 kΩ; see Figure 14
[4]
VCC = 2.0 V; VEE = 0 V
-
-
375
ns
VCC = 4.5 V; VEE = 0 V
-
-
75
ns
VCC = 6.0 V; VEE = 0 V
-
-
64
ns
VCC = 4.5 V; VEE = −4.5 V
-
-
57
ns
Table 9.
Dynamic characteristics for 74HC4052 …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 10.
Dynamic characteristics for 74HCT4052
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
tpd
propagation delay Vis to Vos; RL = ∞ Ω; see Figure 13
[2]
VCC = 4.5 V; VEE = 0 V
-
5
15
ns
VCC = 4.5 V; VEE = −4.5 V
-
4
10
ns
ton
turn-on time
E, Sn to Vos; RL = 1 kΩ; see Figure 14
[3]
VCC = 4.5 V; VEE = 0 V
-
41
88
ns
VCC = 4.5 V; VEE = −4.5 V
-
28
60
ns
toff
turn-off time
E, Sn to Vos; RL = 1 kΩ; see Figure 14
[4]
VCC = 4.5 V; VEE = 0 V
-
26
63
ns
VCC = 4.5 V; VEE = −4.5 V
-
21
48
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC − 1.5 V
[5] -
57
-
pF
Tamb = −40 °C to +125 °C
tpd
propagation delay Vis to Vos; RL = ∞ Ω; see Figure 13
[2]
VCC = 4.5 V; VEE = 0 V
-
-
18
ns
VCC = 4.5 V; VEE = −4.5 V
-
-
12
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn