Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 8Page - NXP Semiconductors 74HC4052DB Datasheet HTML 9Page - NXP Semiconductors 74HC4052DB Datasheet HTML 10Page - NXP Semiconductors 74HC4052DB Datasheet HTML 11Page - NXP Semiconductors 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors 74HC4052DB Datasheet HTML 13Page - NXP Semiconductors 74HC4052DB Datasheet HTML 14Page - NXP Semiconductors 74HC4052DB Datasheet HTML 15Page - NXP Semiconductors 74HC4052DB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
12 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Table 9.
Dynamic characteristics for 74HC4052
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
tpd
propagation delay Vis to Vos; RL = ∞ Ω; see Figure 13
[2]
VCC = 2.0 V; VEE = 0 V
-
14
75
ns
VCC = 4.5 V; VEE = 0 V
-
5
15
ns
VCC = 6.0 V; VEE = 0 V
-
4
13
ns
VCC = 4.5 V; VEE = −4.5 V
-
4
10
ns
ton
turn-on time
E, Sn to Vos; RL = ∞ Ω; see Figure 14
[3]
VCC = 2.0 V; VEE = 0 V
-
105
405
ns
VCC = 4.5 V; VEE = 0 V
-
38
81
ns
VCC = 6.0 V; VEE = 0 V
-
30
69
ns
VCC = 4.5 V; VEE = −4.5 V
-
26
58
ns
toff
turn-off time
E, Sn to Vos; RL = 1 kΩ; see Figure 14
[4]
VCC = 2.0 V; VEE = 0 V
-
74
315
ns
VCC = 4.5 V; VEE = 0 V
-
27
63
ns
VCC = 6.0 V; VEE = 0 V
-
22
54
ns
VCC = 4.5 V; VEE = −4.5 V
-
22
48
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[5] -
57
-
pF
Tamb = −40 °C to +125 °C
tpd
propagation delay Vis to Vos; RL = ∞ Ω; see Figure 13
[2]
VCC = 2.0 V; VEE = 0 V
-
-
90
ns
VCC = 4.5 V; VEE = 0 V
-
-
18
ns
VCC = 6.0 V; VEE = 0 V
-
-
15
ns
VCC = 4.5 V; VEE = −4.5 V
-
-
12
ns
ton
turn-on time
E, Sn to Vos; RL = ∞ Ω; see Figure 14
[3]
VCC = 2.0 V; VEE = 0 V
-
-
490
ns
VCC = 4.5 V; VEE = 0 V
-
-
98
ns
VCC = 6.0 V; VEE = 0 V
-
-
83
ns
VCC = 4.5 V; VEE = −4.5 V
-
-
69
ns


Similar Part No. - 74HC4052DB

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74HC4052DB PHILIPS-74HC4052DB Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
74HC4052DB NXP-74HC4052DB Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
More results

Similar Description - 74HC4052DB

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
NXP Semiconductors
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
Unisonic Technologies
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
STMicroelectronics
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
Unisonic Technologies
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
NXP Semiconductors
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
Unisonic Technologies
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
NXP Semiconductors
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
129Kb / 15P
   Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz