Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 6Page - NXP Semiconductors 74HC4052DB Datasheet HTML 7Page - NXP Semiconductors 74HC4052DB Datasheet HTML 8Page - NXP Semiconductors 74HC4052DB Datasheet HTML 9Page - NXP Semiconductors 74HC4052DB Datasheet HTML 10Page - NXP Semiconductors 74HC4052DB Datasheet HTML 11Page - NXP Semiconductors 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors 74HC4052DB Datasheet HTML 13Page - NXP Semiconductors 74HC4052DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
10 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
All typical values are measured at Tamb = 25 °C.
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 11
per channel
-
-
±1.0
μA
all channels
-
-
±2.0
μA
IS(ON)
ON-state leakage
current
VI = VIH or VIL; |VSW| = VCC − VEE;
VCC = 10.0 V; VEE = 0 V; see Figure 12
-
-
±2.0
μA
ICC
supply current
VEE = 0 V; VI = VCC or GND; Vis = VEE or VCC;
Vos = VCC or VEE
VCC = 6.0 V
-
-
160.0
μA
VCC = 10.0 V
-
-
320.0
μA
Table 7.
Static characteristics for 74HC4052 …continued
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Static characteristics for 74HCT4052
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V; VEE = 0 V
-
-
±1.0
μA
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 11
per channel
-
-
±1.0
μA
all channels
-
-
±2.0
μA
IS(ON)
ON-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 12
-
-
±2.0
μA
ICC
supply current
VI = VCC or GND; Vis = VEE or VCC;
Vos = VCC or VEE
VCC = 5.5 V; VEE = 0 V
-
-
80.0
μA
VCC = 5.0 V; VEE = −5.0 V
-
-
160.0
μA
ΔI
CC
additional supply
current
per input; VI = VCC − 2.1 V; other inputs at VCC
or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V
-
45
202.5
μA
CI
input capacitance
-
3.5
-
pF
Csw
switch capacitance
independent pins nYn
-
5
-
pF
common pins nZ
-
12
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn