Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 4Page - NXP Semiconductors 74HC4052DB Datasheet HTML 5Page - NXP Semiconductors 74HC4052DB Datasheet HTML 6Page - NXP Semiconductors 74HC4052DB Datasheet HTML 7Page - NXP Semiconductors 74HC4052DB Datasheet HTML 8Page - NXP Semiconductors 74HC4052DB Datasheet HTML 9Page - NXP Semiconductors 74HC4052DB Datasheet HTML 10Page - NXP Semiconductors 74HC4052DB Datasheet HTML 11Page - NXP Semiconductors 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
8 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
All typical values are measured at Tamb = 25 °C.
[2]
When supply voltages (VCC − VEE) near 2.0 V the analog switch ON resistance becomes extremely non-linear. When using a supply of
2 V, it is recommended to use these devices only for transmitting digital signals.
RON(rail)
ON resistance (rail)
Vis = VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
[2] -
-
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
-
210
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
-
180
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
-
160
Ω
Vis = VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
[2] -
-
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
-
240
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
-
210
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
-
180
Ω
Table 6.
RON resistance per switch for 74HC4052 and 74HCT4052 …continued
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
For 74HC4052: VCC GND or VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4052: VCC GND = 4.5 V and 5.5 V, VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vis = 0 V to (VCC − VEE).
Vis = 0 V to (VCC − VEE).
(1) VCC = 4.5 V
(2) VCC = 6 V
(3) VCC = 9 V
Fig 9.
Test circuit for measuring RON
Fig 10. Typical RON as a function of input voltage Vis
V
001aah826
nYn
Sn
from select
input
nZ
GND
VEE
VCC
Vis
Isw
Vsw
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
001aai068
40
60
20
80
100
RON
(
Ω)
0
(1)
(2)
(3)
R
ON
V
sw
I
sw
---------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn