Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052DB Datasheet(PDF) 16 Page - NXP Semiconductors

Part No. 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052DB Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 12Page - NXP Semiconductors 74HC4052DB Datasheet HTML 13Page - NXP Semiconductors 74HC4052DB Datasheet HTML 14Page - NXP Semiconductors 74HC4052DB Datasheet HTML 15Page - NXP Semiconductors 74HC4052DB Datasheet HTML 16Page - NXP Semiconductors 74HC4052DB Datasheet HTML 17Page - NXP Semiconductors 74HC4052DB Datasheet HTML 18Page - NXP Semiconductors 74HC4052DB Datasheet HTML 19Page - NXP Semiconductors 74HC4052DB Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
16 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
tr = tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.
[2]
VI values:
a) For 74HC4052: VI = VCC
b) For 74HCT4052: VI = 3 V
12. Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 Ω).
Table 11.
Test data
Test
Input
Load
S1 position
VI
Vis
tr, tf
CL
RL
at fmax
other[1]
tPHL, tPLH
[2]
pulse
< 2 ns
6 ns
50 pF
1 k
Ω
open
tPZH, tPHZ
[2]
VCC
< 2 ns
6 ns
50 pF
1 k
Ω
VEE
tPZL, tPLZ
[2]
VEE
< 2 ns
6 ns
50 pF
1 k
Ω
VCC
Table 12.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb = 25 °C; CL = 50 pF.
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nYn or nZ, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dsin
sine-wave distortion
fi = 1 kHz; RL = 10 kΩ; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = −2.25 V
-
0.04
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = −4.5 V
-
0.02
-
%
fi = 10 kHz; RL = 10 kΩ; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = −2.25 V
-
0.12
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = −4.5 V
-
0.06
-
%
α
iso
isolation (OFF-state)
RL = 600 Ω; fi = 1 MHz; see Figure 17
VCC = 2.25 V; VEE = −2.25 V
[1] -
−50
-
dB
VCC = 4.5 V; VEE = −4.5 V
[1] -
−50
-
dB
Xtalk
crosstalk
between two switches/multiplexers;
RL = 600 Ω; fi = 1 MHz; see Figure 18
VCC = 2.25 V; VEE = −2.25 V
[1] -
−60
-
dB
VCC = 4.5 V; VEE = −4.5 V
[1] -
−60
-
dB
Vct
crosstalk voltage
peak-to-peak value; between control and any
switch; RL = 600 Ω; fi = 1 MHz; E or Sn square
wave between VCC and GND; tr = tf = 6 ns;
see Figure 19
VCC = 4.5 V; VEE = 0 V
-
110
-
mV
VCC = 4.5 V; VEE = −4.5 V
-
220
-
mV
f(−3dB)
−3 dB frequency response
RL = 50 Ω; see Figure 20
VCC = 2.25 V; VEE = −2.25 V
[2] -
170
-
MHz
VCC = 4.5 V; VEE = −4.5 V
[2] -
180
-
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn