Electronic Components Datasheet Search |
|
74HC4052D Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74HC4052D Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 27 page 74HC_HCT4052_6 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 06 — 11 January 2010 10 of 27 NXP Semiconductors 74HC4052; 74HCT4052 Dual 4-channel analog multiplexer/demultiplexer [1] All typical values are measured at Tamb = 25 °C. IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL; |V SW| = VCC − VEE; see Figure 11 per channel - - ±1.0 μA all channels - - ±2.0 μA IS(ON) ON-state leakage current VI = VIH or VIL; |VSW| = VCC − VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 - - ±2.0 μA ICC supply current VEE = 0 V; VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE VCC = 6.0 V - - 160.0 μA VCC = 10.0 V - - 320.0 μA Table 7. Static characteristics for 74HC4052 …continued Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Table 8. Static characteristics for 74HCT4052 Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb = −40 °C to +85 °C[1] VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 V II input leakage current VI = VCC or GND; VCC = 5.5 V; VEE = 0 V - - ±1.0 μA IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL; |V SW| = VCC − VEE; see Figure 11 per channel - - ±1.0 μA all channels - - ±2.0 μA IS(ON) ON-state leakage current VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL; |V SW| = VCC − VEE; see Figure 12 - - ±2.0 μA ICC supply current VI = VCC or GND; Vis = VEE or VCC; Vos = VCC or VEE VCC = 5.5 V; VEE = 0 V - - 80.0 μA VCC = 5.0 V; VEE = −5.0 V - - 160.0 μA ΔI CC additional supply current per input; VI = VCC − 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V - 45 202.5 μA CI input capacitance - 3.5 - pF Csw switch capacitance independent pins nYn - 5 - pF common pins nZ - 12 - pF Tamb = −40 °C to +125 °C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 - - V |
Similar Part No. - 74HC4052D |
|
Similar Description - 74HC4052D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |