Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT958 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. FZT958
Description  PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

   
 4 page
background image
FZT958
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-400
-600
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CER
-400
-600
V
IC=-1µA, RB ≤1kΩ
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-400
-550
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-6
-8
V
IE=-100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µ
A
VCB=-300V
VCB=-300V, Tamb=100°C
Collector Cut-Off Current
ICER
R ≤1kΩ
-50
-1
nA
µ
A
VCB=-300V
VCB=-300V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter
Saturation Voltage
VCE(sat)
-100
-150
-340
-150
-200
-400
mV
mV
mV
IC=-10mA, IB=-1mA*
IC=-100mA, IB=-10mA*
IC=-500mA, IB=-100mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-830
-950
mV
IC=-500mA, IB=-100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-725
-840
mV
IC=-500mA, VCE=-10V*
Static Forward
Current Transfer Ratio
hFE
100
100
10
200
200
20
300
IC=-10mA, VCE=-10V*
IC=-500mA, VCE=-10V*
IC=-1A, VCE=-10V*
Transition Frequency
fT
85
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
19
pF
VCB=-20V, f=1MHz
Switching Times
ton
toff
104
2400
ns
ns
IC=-500mA, IB1=-50mA
IB2=50mA, VCC=-100V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
3 - 292
FZT958
3 - 293
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
I+ -
Collector Current (Amps)
-55°C
+25°C
+175°C
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
IC/IB=5
IC/IB=20
IC/IB=5
-55°C
+25°C
+100°C
+175°C
IC/IB=10
+100°C
+25°C
-55°C
VCE=10V
-55°C
+25°C
+100°C
+175°C
VCE=10V
300
200
100
0.001
0.001
0.001
0.001
0.001
Safe Operating Area
Single Pulse Test Tamb=25C
0.1
1
1
10
100
VCE - Collector Voltage (V)
10
DC
10ms
1ms
100µs
100ms
1s
0.01
1000




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FZT948PNP SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE TRANSISTORS 1 2 3 4 5 Zetex Semiconductors
FZT955PNP SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE TRANSISTORS 1 2 3 4 5 Zetex Semiconductors
FZT951SOT223 PNP SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE TRANSISTORS 1 2 3 4 5 Zetex Semiconductors
FZT851NPN SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE TRANSISTORS 1 2 3 Zetex Semiconductors
FZT968PNP SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE POWER TRANSISTOR 1 2 Zetex Semiconductors
ZTX968PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR 1 2 3 Zetex Semiconductors
BC636PNP Silicon AF Transistors High current gain High collector current 1 2 3 4 5 Siemens Semiconductor Group
BCP28PNP Silicon Darlington Transistors For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
BCV28PNP Silicon Darlington Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group
BTP953L3PNP Epitaxial Planar High Current High Performance Transistor 1 2 3 4 5 MoreCystech Electonics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl