Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC257DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC257DB
Description  Quad 2-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC257DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC257DB Datasheet HTML 1Page - NXP Semiconductors 74HC257DB Datasheet HTML 2Page - NXP Semiconductors 74HC257DB Datasheet HTML 3Page - NXP Semiconductors 74HC257DB Datasheet HTML 4Page - NXP Semiconductors 74HC257DB Datasheet HTML 5Page - NXP Semiconductors 74HC257DB Datasheet HTML 6Page - NXP Semiconductors 74HC257DB Datasheet HTML 7Page - NXP Semiconductors 74HC257DB Datasheet HTML 8Page - NXP Semiconductors 74HC257DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC257; 74HCT257 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC257 and 74HCT257 have four identical 2-input multiplexers with 3-state outputs,
which select 4 bits of data from two sources and are controlled by a common data select
input (S).
The data inputs from source 0 (1I0 to 4I0) are selected when input S is LOW and the data
inputs from source 1 (1I1 to 4I1) are selected when S is HIGH. Data appears at the
outputs (1Y to 4Y) in true (non-inverting) form from the selected inputs.
The 74HC257 and 74HCT257 are the logic implementation of a 4-pole, 2-position switch,
where the position of the switch is determined by the logic levels applied to S. The outputs
are forced to a high-impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
Except for their non-inverting (true) outputs the 74HC257; 74HCT257 are identical to the
74HC258.
2.
Features
Non-inverting data path
3-state outputs interface directly with system bus
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114E exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
74HC257; 74HCT257
Quad 2-input multiplexer; 3-state
Rev. 05 — 13 January 2010
Product data sheet
1Y
OE
1I1
S
1I0
S
()
=
2Y
OE
2I1
S
2I0
S
()
=
3Y
OE
3I1
S
3I0
S
()
=
4Y
OE
4I1
S
4I0
S
()
=


Similar Part No. - 74HC257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257DB PHILIPS-74HC257DB Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
More results

Similar Description - 74HC257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com