Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC257DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC257DB
Description  Quad 2-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC257DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC257DB Datasheet HTML 3Page - NXP Semiconductors 74HC257DB Datasheet HTML 4Page - NXP Semiconductors 74HC257DB Datasheet HTML 5Page - NXP Semiconductors 74HC257DB Datasheet HTML 6Page - NXP Semiconductors 74HC257DB Datasheet HTML 7Page - NXP Semiconductors 74HC257DB Datasheet HTML 8Page - NXP Semiconductors 74HC257DB Datasheet HTML 9Page - NXP Semiconductors 74HC257DB Datasheet HTML 10Page - NXP Semiconductors 74HC257DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74HC_HCT257_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 January 2010
7 of 17
NXP Semiconductors
74HC257; 74HCT257
Quad 2-input multiplexer; 3-state
10. Dynamic characteristics
IOZ
OFF-state
output current
VI = VIH or VIL; VCC = 5.5 V;
VO = VCC or GND per input
pin; other inputs at VCC or
GND; IO = 0 A
-
-
±0.5
-
80
-
160
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
8.0
μA
ΔI
CC
additional supply
current
VI = VCC − 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO = 0 A
per input pin; nI0, nI1 inputs
-
40
144
-
180
-
196
μA
per input pin; OE input
-
135
486
-
608
-
662
μA
per input pin; S input
-
70
252
-
315
-
343
μA
CI
input capacitance
-
3.5
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Typ
Max
Max
Max
74HC257
tpd
propagation delay
nl0 to nY or nl1 to nY;
see Figure 6
[1]
VCC = 2.0 V
36
110
140
165
ns
VCC = 4.5 V
13
22
28
33
ns
VCC = 5.0 V; CL = 15 pF
11
-
-
-
ns
VCC = 6.0 V
10
19
24
28
ns
S to nY; see Figure 6
VCC = 2.0 V
47
150
190
225
ns
VCC = 4.5 V
17
30
38
45
ns
VCC = 5.0 V; CL = 15 pF
14
-
-
-
ns
VCC = 6.0 V
14
26
33
38
ns
ten
enable time
OE to nY; see Figure 7
[2]
VCC = 2.0 V
33
150
190
225
ns
VCC = 4.5 V
12
30
38
45
ns
VCC = 6.0 V
10
26
33
38
ns
tdis
disable time
OE to nY; see Figure 7
[3]
VCC = 2.0 V
41
150
190
225
ns
VCC = 4.5 V
15
30
38
45
ns
VCC = 6.0 V
12
26
33
38
ns


Similar Part No. - 74HC257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257DB PHILIPS-74HC257DB Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
More results

Similar Description - 74HC257DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com