Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT253N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT253N
Description  Dual 4-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT253N Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT253N Datasheet HTML 1Page - NXP Semiconductors 74HCT253N Datasheet HTML 2Page - NXP Semiconductors 74HCT253N Datasheet HTML 3Page - NXP Semiconductors 74HCT253N Datasheet HTML 4Page - NXP Semiconductors 74HCT253N Datasheet HTML 5Page - NXP Semiconductors 74HCT253N Datasheet HTML 6Page - NXP Semiconductors 74HCT253N Datasheet HTML 7Page - NXP Semiconductors 74HCT253N Datasheet HTML 8Page - NXP Semiconductors 74HCT253N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC253; 74HCT253 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL).
The 74HC253; 74HCT253 provides a dual 4-input multiplexer with 3-state outputs which
selects 2 bits of data from up to four sources selected by common data select inputs (S0,
S1). The two 4-input multiplexer circuits have individual active LOW output enable inputs
(1OE, 2OE).
The 74HC253 and 74HCT253 are the logic implementation of a 2-pole, 4-position switch,
where the position of the switch is determined by the logic levels applied to S0 and S1.
The outputs are forced to a high-impedance OFF-state when nOE is HIGH.
The logic equations for the outputs are:
2.
Features and benefits
Non-inverting data path
3-state outputs interface directly with system bus
Complies with JEDEC standard no. 7A
Common select inputs
Separate output enable inputs
Input levels:
For 74HC253: CMOS level
For 74HCT253: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
−40 °Cto+85 °C and from −40 °Cto+125 °C
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
Rev. 03 — 22 April 2010
Product data sheet
1Y
1OE
1I0
S1
S0
1I1
S1
S0
1I2
+
S1
S0
1I3
S1
S0
++
()
=
2Y
2OE
2I0
S1
S0
2I1
S1
S0
2I2
+
S1
S0
2I3
S1
S0
++
()
=


Similar Part No. - 74HCT253N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT253N PHILIPS-74HCT253N Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
More results

Similar Description - 74HCT253N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com