Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC238 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC238
Description  3-to-8 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC238 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC238 Datasheet HTML 1Page - NXP Semiconductors 74HC238 Datasheet HTML 2Page - NXP Semiconductors 74HC238 Datasheet HTML 3Page - NXP Semiconductors 74HC238 Datasheet HTML 4Page - NXP Semiconductors 74HC238 Datasheet HTML 5Page - NXP Semiconductors 74HC238 Datasheet HTML 6Page - NXP Semiconductors 74HC238 Datasheet HTML 7Page - NXP Semiconductors 74HC238 Datasheet HTML 8Page - NXP Semiconductors 74HC238 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT238_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2007
2 of 18
NXP Semiconductors
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC238N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC238D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC238DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC238PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HC238BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT238N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT238D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT238DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT238PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT238BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
Functional diagram
001aag752
3 TO 8
DECODER
ENABLE
EXITING
A0
1
A1
2
A2
3
E1
4
E2
5
E3
6
Y0
15
Y1
14
Y2
13
Y3
12
Y4
11
Y5
10
Y6
9
Y7
7
001aag753
3 TO 8
DECODER
ENABLE
EXITING
A0
1
A1
2
A2
3
E1
4
E2
5
E3
6
Y0
15
Y1
14
Y2
13
Y3
12
Y4
11
Y5
10
Y6
9
Y7
7


Similar Part No. - 74HC238

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC238 PHILIPS-74HC238 Datasheet
49Kb / 7P
   3-to-8 line decoder/demultiplexer
December 1990
logo
Nexperia B.V. All right...
74HC238 NEXPERIA-74HC238 Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HC238-Q100 NEXPERIA-74HC238-Q100 Datasheet
244Kb / 17P
   3-to-8 line decoder/demultiplexer
74HC238-Q100 NEXPERIA-74HC238-Q100 Datasheet
255Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
74HC238BQ NEXPERIA-74HC238BQ Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
More results

Similar Description - 74HC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com