Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-14071 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14071
Description  10BASE T ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14071 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14071 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
02/06/02
1 OF 1
www.rhombus-ind.com
10BASE T ISOLATION TRANSFORMER
Turns Ratio
+5%
1CT : 2CT (Pins 1-3:16-14)
1CT : 1CT (Pins 6-8:11-9)
All dimensions in inches (mm):
Isolation 2000Vrms
Fast Rise Times
Meets ECMA Requirements
IEEE 802.3 Compatible
(10BASE 2, 10BASE 5, & 10BASE T)
T-14071
SCHEMATIC DIAGRAM
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 33 pieces per tube
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
100
µHy
Oscillation Level = 20mV
Oscillation Frequency = 100.0 KHz
Leakage Inductance
0.4
µHy
Oscillation Level = 20mV
Oscillation Frequency = 100.0 KHz
Interwinding Capacitance (C
W/W
)10
pF
Oscillation Level = 20mV
Oscillation Frequency = 100.0 KHz
Primary DC Resistance
0.5
ohms
Secondary DC Resistance
0.5
ohms
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
PRIMARY


Similar Part No. - T-14071

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14070 RHOMBUS-IND-T-14070 Datasheet
31Kb / 1P
   10BASE T ISOLATION TRANSFORMER
More results

Similar Description - T-14071

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14068 RHOMBUS-IND-T-14068 Datasheet
31Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-13038 RHOMBUS-IND-T-13038 Datasheet
40Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-14951 RHOMBUS-IND-T-14951 Datasheet
31Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-922 RHOMBUS-IND-T-922 Datasheet
36Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-14859 RHOMBUS-IND-T-14859 Datasheet
25Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-14950 RHOMBUS-IND-T-14950 Datasheet
38Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-13053 RHOMBUS-IND-T-13053 Datasheet
27Kb / 1P
   10BASE T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6335 PCA-EPE6335 Datasheet
116Kb / 1P
   10Base-T Isolation Transformer
EPE6340S PCA-EPE6340S Datasheet
58Kb / 1P
   10Base-T Isolation Transformer
EPE6103S PCA-EPE6103S Datasheet
43Kb / 1P
   10Base-T Isolation Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com