Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-14023 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14023
Description  High Speed Data Communications Fibre Channel Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14023 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14023 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 of 1
05/29/96
Schematic Diagram
Turns
Inductance
Rise Time
Pri. / Sec.
L
L
DCR
Hi-Pot
Part
Schematic
Ratio
Pri. OCL
20-80% max.
C
W/W max.
max.
max.
min.
Number
Style
+ 5%
(
µH min.)
( ns )
( pF )
(
µH )
(
Ω )(V
RMS)
T-14023
16 Pin Dual
1:1
30
1.6
5.0
0.10
0.20
2000
Electrical Specifications at 25o C
Physical Dimensions
inches (mm)
T-14023
www.rhombus-ind.com
High Speed
Data Communications
Fibre Channel Transformer
For use with 75 Ohm Coaxial Cable @ 133 MHz
High Isolation 2000Vrms / Fast Rise Times
Small 16-Pin 50 mil SMD Package


Similar Part No. - T-14023

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14020 RHOMBUS-IND-T-14020 Datasheet
26Kb / 1P
   High Speed Data Communications Pulse Transformer
T-14021 RHOMBUS-IND-T-14021 Datasheet
27Kb / 1P
   High Speed Data Communications Pulse Transformer
T-14024 RHOMBUS-IND-T-14024 Datasheet
57Kb / 2P
   10 BASE-T Transformers
T-14025 RHOMBUS-IND-T-14025 Datasheet
57Kb / 2P
   10 BASE-T Transformers
T-14026 RHOMBUS-IND-T-14026 Datasheet
57Kb / 2P
   10 BASE-T Transformers
More results

Similar Description - T-14023

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14021 RHOMBUS-IND-T-14021 Datasheet
27Kb / 1P
   High Speed Data Communications Pulse Transformer
T-14020 RHOMBUS-IND-T-14020 Datasheet
26Kb / 1P
   High Speed Data Communications Pulse Transformer
T-1483G RHOMBUS-IND-T-1483G Datasheet
17Kb / 1P
   High Speed Data Communications Pulse Transformer
logo
XFMRS Inc.
XF05571BF XFMRS-XF05571BF Datasheet
74Kb / 1P
   FIBRE CHANNEL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
XF0757-00SM XFMRS-XF0757-00SM Datasheet
73Kb / 1P
   Fibre Channel Single Transformer
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Bothhand USA, LP.
S1044 BOTHHAND-S1044_1 Datasheet
93Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com