Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFP-E22E-043L Datasheet(PDF) 1 Page - Schurter Inc.

Part # DKFP-E22E-043L
Description  Magnetically Compensated Choke, compact
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFP-E22E-043L Datasheet(HTML) 1 Page - Schurter Inc.

  DKFP-E22E-043L Datasheet HTML 1Page - Schurter Inc. DKFP-E22E-043L Datasheet HTML 2Page - Schurter Inc. DKFP-E22E-043L Datasheet HTML 3Page - Schurter Inc. DKFP-E22E-043L Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Suppression Chokes
DKFP
www.schurter.com/pg8
EMC Products
Magnetically Compensated Choke, compact
Description
-Currentcompensatedchoke
-THT-terminals
-MultiplePCB-mountingoptions
-Highinductanceandcompactdimensions
-Multiplepinconfigurations
Standards
-EN60938
Applications
-Attenuationofcommonmodeinterferences
-Designedfor230/400VACapplications
-Chopperamplifiers
-DCdrivesandsteppermotorcontrols
-Switchingpowersupplies
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto250VAC
RatedCurrent
0.3-10A@Ta40°C
Ratedinductance
0.5-100mH,Tol.-30%+50%
PowerOperatingFrequency
DC-1kHz
Terminaltechnic
THT
Weight
1-55g
Material:Housing
UL94V-0
SealingCompound
UL94V-0
TestVoltage
1.5kV,50Hz,1min,windingtowinding
IsolationVoltage
4kVeff.,windingtoambient
ClimaticCategory
40/125/56acc.toIEC60068-1
AllowableOperationTemp.
-40°Cto125°C
Dimensions
Case 1A
max. 9
4.5 ±0.3
1.5
max. 14
5.08 ±0.2
3
4
1
2
Case 1B
max. 13
4 ±0.3
2
max. 21
6
10 ±0.2
3
4
1
2
Case 1C
max. 16
4.1±0.3
2
max. 26
7.2
12.5 ±0.2
3
4
1
2
Case 1D
max. 18.5
4.1±0.3
1.8
9.2
max. 30
15 ±0.2
3
4
1
2


Similar Part No. - DKFP-E22E-043L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP-E22E-043L SCHURTER-DKFP-E22E-043L Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
More results

Similar Description - DKFP-E22E-043L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DKFS SCHURTER-DKFS_17 Datasheet
325Kb / 3P
   Magnetically Compensated SMD Choke, compact
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com