Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFP-C22C-041N Datasheet(PDF) 3 Page - Schurter Inc.

Part # DKFP-C22C-041N
Description  Magnetically Compensated Choke, compact
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFP-C22C-041N Datasheet(HTML) 3 Page - Schurter Inc.

  DKFP-C22C-041N Datasheet HTML 1Page - Schurter Inc. DKFP-C22C-041N Datasheet HTML 2Page - Schurter Inc. DKFP-C22C-041N Datasheet HTML 3Page - Schurter Inc. DKFP-C22C-041N Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Suppression Chokes
DKFP
www.schurter.com/pg8
EMC Products
Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
Tripped Power Dissi-
pation [W]
fRES
[MHz]
Weight [g]
Housing
Packing unit [pcs.]
Order Number
0.3
12
1280
0.12
0.55
3
2A
72
DKFP-A22A-D312
0.3
12
1280
0.12
0.55
4
1A
72
DKFP-A21A-D312
0.3
47
1850
0.17
0.15
11
2C
32
DKFP-C22C-D347
0.3
47
1850
0.17
0.15
14
1C
50
DKFP-C21C-D347
0.4
39
1286
0.2
0.15
6
2B
45
DKFP-B22B-D349
0.4
39
1286
0.2
0.15
8
1B
120
DKFP-B21B-D439
0.5
100
3100
0.78
0.07
33
2G
56
DKFP-G22G-D5J0
0.5
27
841
0.2
0.2
8
1B
120
DKFP-B21B-D527
0.5
27
841
0.21
0.2
6
2B
45
DKFP-B22B-D527
0.5
39
880
0.22
0.15
11
2C
32
DKFP-C22C-D539
0.5
39
880
0.22
0.15
14
1C
50
DKFP-C21C-D539
0.5
4
500
0.25
1.2
55
48-2
176
DKFP-6248-D504
0.5
82
2840
0.71
0.07
32
2E
56
DKFP-E22E-D582
0.5
82
2840
0.71
0.07
34
1E
28
DKFP-E21E-D582
0.6
15
453
0.16
0.35
6
2B
45
DKFP-B22B-D615
0.6
15
453
0.16
0.35
8
1B
120
DKFP-B21B-D615
0.6
4.4
380
0.14
1.1
3
2A
72
DKFP-A22A-D64M
0.6
4.4
380
0.14
1.1
4
1A
72
DKFP-A21A-D64M
0.6
47
1170
0.42
0.1
20
2D
40
DKFP-D22D-D647
0.6
47
1170
0.42
0.1
25
1D
56
DKFP-C21C-041N
0.8
10
336
0.21
0.45
8
1B
120
DKFP-B21B-D810
0.8
10
336
0.22
0.45
6
1E
45
DKFP-B22B-D810
0.8
10
336
0.22
0.45
6
2B
45
DKFP-B22B-D810
0.8
27
520
0.33
0.18
11
2C
32
DKFP-C22C-D827
0.8
27
520
0.33
0.18
14
1C
50
DKFP-C21C-D827
0.8
39
955
0.61
0.15
20
2D
40
DKFP-D22D-D839
0.8
39
955
0.61
0.15
25
1D
56
DKFP-D21D-D839
0.9
2
240
0.39
1.6
55
48-2
176
DKFP-6248-0102
1
15
350
0.35
0.25
11
2C
32
DKFP-C22C-0115
1
27
554
0.55
0.16
20
2D
40
DKFP-D22D-0127
1
3
200
0.2
1.7
3
2A
72
DKFP-A22A-0103
1
3
200
0.2
1.7
4
1A
72
DKFP-A21A-0103
1
33
805
0.8
0.13
32
2E
56
DKFP-E22E-0133
1
33
805
0.8
0.13
34
1E
28
DKFP-E21E-0133
1
47
950
0.95
0.1
33
2G
56
DKFP-G22G-0147
1
68
1400
1.4
0.1
55
2H
18
DKFP-H22H-0168
1.0
15
350
0.35
0.25
14
1C
50
DKFP-C21C-D0115
1.0
27
554
0.55
0.16
25
1D
56
DKFP-D21D-0127
1.2
10
200
0.29
0.35
11
2C
32
DKFP-C22C-1K10
1.2
10
200
0.29
0.35
14
1C
50
DKFP-C21C-1K10
1.2
6.8
219
0.31
0.6
8
1B
120
DKFP-B21B-1K6Q
1.2
6.8
219
0.32
0.6
6
2B
45
DKFP-B22B-1K6Q
1.4
27
520
1
0.16
32
2E
56
DKFP-E22E-1M27
1.4
27
520
1
0.16
34
1E
28
DKFP-E21E-1M27
1.5
1.6
94
0.21
3.1
3
2A
72
DKFP-A22A-1N1O
1.5
1.6
94
0.21
3.1
4
1A
72
DKFP-A21A-1N1O
1.5
15
232
0.52
0.26
20
2D
40
DKFP-D22D-1N15
1.5
15
232
0.52
0.26
25
1D
56
DKFP-D21D-1N15
1.5
3.3
122
0.28
1.8
6
2B
45
DKFP-B22B-1N3L
1.5
3.3
122
0.28
1.8
8
1B
120
DKFP-B21B-1N3L
1.5
6.8
150
0.34
0.5
11
2C
32
DKFP-C22C-1N6Q
1.5
6.8
150
0.34
0.5
14
1C
50
DKFP-C21C-1N6Q
2
1.1
61
0.25
3.5
3
2A
72
DKFP-A22A-021J
2
1.8
57
0.23
3
6
2B
45
DKFP-B22B-021Q
2
1.8
57
0.23
3
8
1B
120
DKFP-B21B-021Q


Similar Part No. - DKFP-C22C-041N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP-C22C-041N SCHURTER-DKFP-C22C-041N Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
More results

Similar Description - DKFP-C22C-041N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DKFS SCHURTER-DKFS_17 Datasheet
325Kb / 3P
   Magnetically Compensated SMD Choke, compact
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com