Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G66GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT2G66GD
Description  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G66GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 9Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 10Page - NXP Semiconductors 74HCT2G66GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
7 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
10.3 ON resistance test circuit and graphs
11. Dynamic characteristics
RON =VSW / ISW.Tamb = 25 °C.
Fig 7.
Test circuit for measuring ON resistance
Fig 8.
Typical ON resistance as a function of
input voltage
001aaj467
VI
VIH
VCC
GND
nZ
nY
nE
VSW
ISW
20
40
60
RON
(
Ω)
0
VI (V)
010
8
46
2
mnb006
VCC = 4.5 V
VCC = 6.0 V
VCC = 9.0 V
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); For test circuit see Figure 11.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
74HC2G66
tpd
propagation delay nY to nZ or nZ to nY; RL = ∞ Ω;
see Figure 9
[2]
VCC = 2.0 V
-
6.5
65
-
80
ns
VCC = 4.5 V
-
2
13
-
15
ns
VCC = 6.0 V
-
1.5
11
-
14
ns
VCC = 9.0 V
-
1.2
10
-
12
ns
ten
enable time
nE to nY or nZ; see Figure 10
[2]
VCC = 2.0 V
-
40
125
-
150
ns
VCC = 4.5 V
-
12
29
-
30
ns
VCC = 6.0 V
-
10
21
-
26
ns
VCC = 9.0 V
-
7
16
-
20
ns
tdis
disable time
nE to nY or nZ; see Figure 10
[2]
VCC = 2.0 V
-
21
145
-
175
ns
VCC = 4.5 V
-
12
29
-
35
ns
VCC = 6.0 V
-
11
28
-
33
ns
VCC = 9.0 V
-
10
23
-
27
ns
CPD
power dissipation
capacitance
VI =GND to VCC
[3]
-9-
-
-
pF


Similar Part No. - 74HCT2G66GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G66GD NXP-74HCT2G66GD Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
More results

Similar Description - 74HCT2G66GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com