Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G66DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC2G66DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
3 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 packages above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 packages above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1Y, 2Y
1, 5
independent input or output
1Z, 2Z
2, 6
independent input or output
GND
4
ground (0 V)
1E, 2E
7, 3
enable input (active HIGH)
VCC
8
supply voltage
Table 4.
Function table[1]
Input nE
Switch
LOFF
HON
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+11.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
ISW
switch current
VSW > −0.5 V or VSW < VCC + 0.5 V
-
±20
mA
ICC
supply current
-
30
mA
IGND
ground current
−30
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
per package
[2] -
300
mW
per switch
[2] -
100
mW


Similar Part No. - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66DP PHILIPS-74HC2G66DP Datasheet
130Kb / 20P
   Bilateral switches
2004 May 19
74HC2G66DP NXP-74HC2G66DP Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66DP NEXPERIA-74HC2G66DP Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results

Similar Description - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com