Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G02 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT2G02
Description  Dual 2-input NOR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G02 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT2G02 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 9Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 10Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 11Page - NXP Semiconductors 74HCT2G02 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
74HC_HCT2G02_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 May 2009
8 of 13
NXP Semiconductors
74HC2G02; 74HCT2G02
Dual 2-input NOR gate
13. Package outline
Fig 8.
Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


Similar Part No. - 74HCT2G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G02 PHILIPS-74HCT2G02 Datasheet
83Kb / 16P
   Dual 2-input NOR gate
2003 May 14
logo
Nexperia B.V. All right...
74HCT2G02 NEXPERIA-74HCT2G02 Datasheet
210Kb / 12P
   Dual 2-input NOR gate
Rev. 6 - 26 July 2018
74HCT2G02-Q100 NEXPERIA-74HCT2G02-Q100 Datasheet
209Kb / 12P
   Dual 2-input NOR gate
Rev. 2 - 26 July 2018
logo
NXP Semiconductors
74HCT2G02DC PHILIPS-74HCT2G02DC Datasheet
83Kb / 16P
   Dual 2-input NOR gate
2003 May 14
logo
Nexperia B.V. All right...
74HCT2G02DC NEXPERIA-74HCT2G02DC Datasheet
210Kb / 12P
   Dual 2-input NOR gate
Rev. 6 - 26 July 2018
More results

Similar Description - 74HCT2G02

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com