Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G14GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT1G14GV
Description  Inverting Schmitt trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G14GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT1G14GV Datasheet HTML 1Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 2Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT1G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
2 of 14
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
5.
Marking
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Table 2.
Marking codes
Type number
Marking
74HC1G14GW
HF
74HCT1G14GW
TF
74HC1G14GV
H14
74HCT1G14GV
T14
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna023
AY
2
4
24
mna024
mna025
A
Y
Fig 4.
Pin configuration
74HC1G14
74HCT1G14
n.c.
VCC
A
GND
Y
001aaf106
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
A
2
data input
GND
3
ground (0 V)
Y
5
data output
VCC
5
supply voltage


Similar Part No. - 74HCT1G14GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HCT1G14GV NEXPERIA-74HCT1G14GV Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HCT1G14GV-Q100 NEXPERIA-74HCT1G14GV-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Similar Description - 74HCT1G14GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com