Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G32 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT1G32
Description  2-input OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G32 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT1G32 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
General description
74HC1G32 and 74HCT1G32 are high-speed Si-gate CMOS devices. They provide a
2-input OR function.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
The standard output currents are half those of the 74HC32 and 74HCT32.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I SOT353-1 and SOT753 package options
3.
Ordering information
4.
Marking
74HC1G32; 74HCT1G32
2-input OR gate
Rev. 05 — 14 March 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G32GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74HCT1G32GW
74HC1G32GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G32GV
Table 2.
Marking codes
Type number
Marking code
74HC1G32GW
HG
74HCT1G32GW
TG
74HC1G32GV
H32
74HCT1G32GV
T32


Similar Part No. - 74HCT1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G32 PHILIPS-74HCT1G32 Datasheet
602Kb / 16P
   2-input OR gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G32 NEXPERIA-74HCT1G32 Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
logo
NXP Semiconductors
74HCT1G32GV PHILIPS-74HCT1G32GV Datasheet
602Kb / 16P
   2-input OR gate
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G32GV NEXPERIA-74HCT1G32GV Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HCT1G32GV-Q100 NEXPERIA-74HCT1G32GV-Q100 Datasheet
682Kb / 12P
   2-input OR gate
More results

Similar Description - 74HCT1G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com