Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC1G04
Description  Inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G04 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC1G04 Datasheet HTML 1Page - NXP Semiconductors 74HC1G04 Datasheet HTML 2Page - NXP Semiconductors 74HC1G04 Datasheet HTML 3Page - NXP Semiconductors 74HC1G04 Datasheet HTML 4Page - NXP Semiconductors 74HC1G04 Datasheet HTML 5Page - NXP Semiconductors 74HC1G04 Datasheet HTML 6Page - NXP Semiconductors 74HC1G04 Datasheet HTML 7Page - NXP Semiconductors 74HC1G04 Datasheet HTML 8Page - NXP Semiconductors 74HC1G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
General description
74HC1G04 and 74HCT1G04 are high-speed Si-gate CMOS devices. They provide an
inverting buffer.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
The standard output currents are half those of the 74HC04 and 74HCT04.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I SOT353-1 and SOT753 package options
3.
Ordering information
4.
Marking
74HC1G04; 74HCT1G04
Inverter
Rev. 04 — 16 July 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G04GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74HCT1G04GW
74HC1G04GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G04GV
Table 2.
Marking codes
Type number
Marking
74HC1G04GW
HC
74HCT1G04GW
TC
74HC1G04GV
H04
74HCT1G04GV
T04


Similar Part No. - 74HC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G04 PHILIPS-74HC1G04 Datasheet
73Kb / 16P
   Inverter
2002 May 17
logo
Nexperia B.V. All right...
74HC1G04 NEXPERIA-74HC1G04 Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
74HC1G04-Q100 NEXPERIA-74HC1G04-Q100 Datasheet
678Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74HC1G04GV PHILIPS-74HC1G04GV Datasheet
73Kb / 16P
   Inverter
2002 May 17
logo
Nexperia B.V. All right...
74HC1G04GV NEXPERIA-74HC1G04GV Datasheet
206Kb / 10P
   Inverter
Rev. 6 - 21 January 2022
More results

Similar Description - 74HC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com