Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB105015KP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # LRB105015KP
Description  LRB Open Air Low Resistance Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRB105015KP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  LRB105015KP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRB105015KP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRB105015KP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LRB Open Air Low Resistance Resistors
TOKEN
How to Order
08
05
R005
LRB
Part Number: LRB
Diameter Ø
Leads Pitch RM (mm)
Resistance Value (Ω)
Code
Diameter Ø
05
0.5 mm
06
0.6 mm
07
0.7 mm
08
0.8 mm
09
0.9 mm
10
1.0 mm
11
1.1 mm
12
1.2 mm
13
1.3 mm
14
1.4 mm
15
1.5 mm
16
1.6 mm
17
1.7 mm
18
1.8 mm
20
2.0 mm
23
2.3 mm
25
2.5 mm
29
2.9 mm
Back to 1st Page - Open Air Low Resistance Resistors (LRB)
K
P
Code
Leads Pitch RM (mm)
05
5 mm
10
10 mm
15
15 mm
20
20 mm
25
25 mm
30
30 mm
35
35 mm
40
40 mm
45
45 mm
50
50 mm
Code
Resistance Value (Ω)
05
0.5 mm
10
10 mm
15
15 mm
Tolerance %
Code
Tolerance %
H
±3%
J
±5%
K
±10%
Package-Code
Code
Package-Code
P
Bulk
03 of 03
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRB105015KP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LRB-1/2-D-7-O-K2-MIDI FESTO-LRB-1/2-D-7-O-K2-MIDI Datasheet
102Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K3-MIDI FESTO-LRB-1/2-D-7-O-K3-MIDI Datasheet
107Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K4-MIDI FESTO-LRB-1/2-D-7-O-K4-MIDI Datasheet
109Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-7-O-K5-MIDI FESTO-LRB-1/2-D-7-O-K5-MIDI Datasheet
110Kb / 1P
   Pressure regulator manifold
LRB-1/2-D-O-K2-MIDI FESTO-LRB-1/2-D-O-K2-MIDI Datasheet
101Kb / 1P
   Pressure regulator manifold
More results

Similar Description - LRB105015KP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com