Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-5D01R Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # SJ-5D01R
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SJ-5D01R Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  SJ-5D01R Datasheet HTML 1Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 2Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 3Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 4Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 5Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 6Page - Fujitsu Component Limited. SJ-5D01R Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(a)
SeriesName
SJ:SJSeries
3:3VDC(onlyACtype)
(b)
NominalVoltage(Inputside)
5:5VDC
12:12VDC
24:24VDC
(c)
LoadVoltage
A:ACtype
D:DCtype
(d) LoadCurrent
01:1A
KindsofInverseConnection
Nil
:Diode
(e)
ProtectingElement(onlyDCtype)
HZ
:Zenerdiodetype
(g) TerminalClassification
Nil:Socketmounting
N :PCBoardmountingtype
(f) OutputPolarity(DCType)
Nil:StandardPolarity
R:ReversePolarity
SJ SERIES
n
FEATURES
l
UL,CSArecognized
l
Extremelysmallandlightweight
—Size:10.0(W)×20.2(L)×12.8(H)mm
—Weight:approximately5.5g
l
Highreliability,longlifeandmaintenancefree
l
Highisolation(betweeninputandoutput)
—Dielectricstength:2,500Vrms
l
CompatiblewithJYRelayinsizeandterminal
arrangement
l
RoHScompliantsincedatecode:6703(July3rd,2006)
Pleaseseepage6formoreinformation
n
ORDERING INFORMATION
SJ – 12 D 01 HZRN
[Example]
(a)(b) (c) (d) (e)(f)(g)
SOLID STATE RELAY
MAXIMUM LOAD CURRENT 1 A
1
RoHS compliant


Similar Part No. - SJ-5D01R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SJ-5003 TI1-SJ-5003 Datasheet
332Kb / 14P
[Old version datasheet]   ISO5500EVM
SJ-5012 TI-SJ-5012 Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
SJ-5012(BLACK) TI1-SJ-5012(BLACK) Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
SJ-5027 TI1-SJ-5027 Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
SJ-5303 TI1-SJ-5303 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
More results

Similar Description - SJ-5D01R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com