Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE100 Datasheet(PDF) 4 Page - Diotech Company.

Part # P4KE100
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

P4KE100 Datasheet(HTML) 4 Page - Diotech Company.

  P4KE100 Datasheet HTML 1Page - Diotech Company. P4KE100 Datasheet HTML 2Page - Diotech Company. P4KE100 Datasheet HTML 3Page - Diotech Company. P4KE100 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P4KE6.8(C)A THRU P4KE440(C)A
RATINGS AND CHARACTERISTIC CURVES
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
µ
µ
µ
µ
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
T =25 C
A
FIG.2-PULSE DERATING CURVE
T , AMBIENT TEMPERATURE ( C)
A
T , LEAD TEMPERATURE ( C)
L
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
tf=10 s
Peak Value
I
µ
PPM
Half Value-IPPM
2
10/1000 sec Waveform
as Defined by R.E.A.
µ
T =25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
A
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
100
1,000
10,000
100,000
Measured at
Stand-Off
Voltage(V )
MW
Measued at
Zero Bias
T =25 C
f=1.0MHz
Vsig=50mVp-p
J
0
25
50
75
100
125
150
175
200
0
0.25
0.50
0.75
1.00
FIG.5-STEADY STATE POWER DERATING CURVE
L=.375"(9.5mm)
40mm x 40mm x 1mm
Copper Heat Sink
(1.6" x 1.6" x .040")
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT, UNIDIRECTIONAL
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
T =T max
8.3ms Single Half Sine-wave
JEDEC Method
J
J


Similar Part No. - P4KE100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE100 PANJIT-P4KE100 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
RFE international
P4KE100 RFE-P4KE100 Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Gaomi Xinghe Electronic...
P4KE100 GXELECTRONICS-P4KE100 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE100 DIOTEC-P4KE100 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE100 LUGUANG-P4KE100 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE100

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com