Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W06 Datasheet(PDF) 2 Page - Diotech Company.

Part # W06
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

W06 Datasheet(HTML) 2 Page - Diotech Company.

  W06 Datasheet HTML 1Page - Diotech Company. W06 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W005 THRU W10
RATINGS AND CHARACTERISTIC CURVES
0.1
1.0
.01
10
50
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.3
0.6
0.9
1.2
1.5
1.8
0
20
10
30
50
40
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125 150 175
CASE TEMPERATURE,( C)
0
20
40
60
80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0


Similar Part No. - W06

ManufacturerPart #DatasheetDescription
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W06 DAYA-W06 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W06 SUNTAN-W06 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W06 CHENG-YI-W06 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - W06

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com