Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN-A12B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # SN-A12B
Description  SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SN-A12B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button SN-A12B Datasheet HTML 2Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 3Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 4Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 5Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 6Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 7Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 8Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 9Page - Fujitsu Component Limited. SN-A12B Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SN SERIES
n
Socket Dimensions
n
NOTES
1.Polarityofterminalsispre-determined.Pleasedesignyourcircuitaccordingly.
2.Socketorderingcode:JL-5N
3.StandardICsocketisnotrecommended.Pleaseusesocket“JL-5N”.
4.WhenswitchinginductiveloadbyACoutputmodulewithoutvaristor,pleaseconnectavaristorasshownin
drawingbelow.
5.ACinputmodulehasinsidelogicIC.Pleaseconnectbypasscondenser(approx.0.01µ)atpivotalpoints
betweenVDDandGND.(ConformtogeneralhandlinginstructionsforlogicIC.)
n
Socket PC board
mounting
hole layout
Unit:mm


Similar Part No. - SN-A12B

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SN-A2970-FREQ NEL-SN-A2970-FREQ Datasheet
33Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970_10 Datasheet
84Kb / 3P
   Differential Positive ECL (DPECL)
SN-A2971-FREQ NEL-SN-A2971-FREQ Datasheet
33Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SN-A2977-FREQ NEL-SN-A2977-FREQ Datasheet
33Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SN-A12B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Schneider Electric
170ADM35011 SCHNEIDER-170ADM35011 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 12, 2022
170ADM35010 SCHNEIDER-170ADM35010 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 11, 2022
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com