Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FZT692B Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. FZT692B
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FZT692B Datasheet(HTML) 2 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* High Gain + Very low saturation voltage
APPLICATIONS
* Darlington replacement
* Relay drivers, DC-DC converters
PARTMARKING DETAIL -
FZT692B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
70
V
Collector-Emitter Voltage
VCEO
70
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
5A
Continuous Collector Current
IC
2A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITIONS.
BreakdownVoltages
V(BR)CBO 70
V
IC=100µA
V(BR)CEO 70
V
IC=10mA*
V(BR)EBO 5V
IE=100µA
Cut-Off Currents
ICBO
0.1
µ
A
VCB=55V
IEBO
0.1
µ
A
VEB=4V
Saturation Voltages
VCE(sat)
0.15
0.5
0.5
V
V
V
IC=0.1A, IB=0.5mA*
IC=1A, IB=10mA*
IC=2A, IB=200mA*
VBE(sat)
0.9
V
IC=1A, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.9
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
500
400
150
IC=100mA,VCE=2V*
IC=500mA, VCE =2V*
IC=1A,VCE=2V*
Transition Frequency
fT
150
MHz IC=50mA, VCE=5V, f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
12
pF
VCB=10V, f=1MHz
Switching Times
ton
toff
46
1440
ns
ns
IC=500mA, IB1=50mA
IB2=50mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT692B
FZT692B
C
C
E
B
3 - 224
3 - 223
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=2V
VCE=2V
1.5K
1K
500
Tamb=25°C
IC/IB=100
-55°C
+25°C
+100°C
+175°C
0
0
-55°C
+25°C
+100°C
+175°C
IC/IB=100
IC/IB=10
IC/IB=200
IC/IB=100
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn