Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS17 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS17
Description  Non-illuminated/Vertical Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS17 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS17_1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
● ● ● ● ● ● ● ● ● ●
非照光式・バーチカルタイプ
LS17 シリーズ
NEW
Non-illuminated/Vertical Type
LS17 Series
1. 長寿命・好フィーリングのスイッチです。
2. 小型であるため実用上のレイアウト
の融通性が高く、他のコンポーネント
との共用により大きな自由度を与え、
セット設計が容易に行えます。
3. リフロー炉によるはんだ付けが可能
な完全防水タイプです。
1. Long-life switch with a nice feel.
2. Compact size allows outstanding
flexibility of layout and freedom of
application, in combination with other
devices. Set design is now much
easier.
3. This is a completely waterproof type
that permits reflow oven soldering.
ルミスイッチLS17シリーズは操作用ス
イッチとして次のような製品に使用でき
ます。
携帯電話、TV、VTR、カメラ等。
LUMISWITCH,LS17 series, can be used as
a function control switch in the following
applications.
Portable telephones, TV, VCR,
cameras, etc.
Item
スイッチ作動力/Switch operating force
1.57N
最大定格/Maximum rating
DC12V 20mA
接触抵抗/Contact resistance
100mΩ以下/100mΩ or less
絶縁抵抗/Insulation resistance
100MΩ以上/100MΩ or more
耐電圧/Withstanding voltage
AC250V 1分間/AC250V for one minute
バウンス/Bounce
20ms以下/20ms or less
ストローク/Stroke
0.15mm
作動力/Operating force
1.57±0.49N
動作寿命/Operating life (times)
30万回以上
300,000 or more
●電気的・機械的特性/Electro-Mechanical Characteristics
スイッチ部/Switch portion
(Ta 25℃)
●外形寸法図/Outline drawing
LS17B2タイプ/LS17B2 type
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns
are recommended for reflow-soldering:
■ 用途/ Application
■ 特徴/ Features
3.2(L)×3.5(W)×0.35(H)mm
●製品コード/Product code
LS17 B 2 T
〈シリーズ/Series
スイッチ高さ/Thickness
B:0.35mm 4端子/0.35 mm 4 contacts
操作荷重/Operating force
2:1.57N(160gf)
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
S2
S1
S2
S1
S1
S2
S1
S2
3.5
0.55
(R0.35)
極性マーク
回路図
Circuit diagram
Polarity mark
S1
S1
S2
S2
2.4
3.7
リフローはんだ用
For reflow soldering


Similar Part No. - LS17_1

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
logo
CITIZEN ELECTRONICS CO....
LS17B2 CITIZEN-LS17B2 Datasheet
178Kb / 1P
   Non-illuminated/Vertical Type
LS17B2T CITIZEN-LS17B2T Datasheet
178Kb / 1P
   Non-illuminated/Vertical Type
More results

Similar Description - LS17_1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
   Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
   Non-illuminated/Vertical Type
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
   Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
   Non-illuminated/Vertical Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
   Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
   Non-illuminated/Vertical Type
LS16 CITIZEN-LS16_1 Datasheet
417Kb / 2P
   Non-illuminated/Vertical Type
LS35 CITIZEN-LS35 Datasheet
383Kb / 1P
   Non-illuminated/Vertical Type
LS18 CITIZEN-LS18_1 Datasheet
403Kb / 2P
   Non-illuminated/Vertical Type
LS8 CITIZEN-LS8 Datasheet
166Kb / 1P
   Non-illuminated/Vertical Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com