Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FZT605 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. FZT605
Description  NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FZT605 Datasheet(HTML) 2 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FZT605
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
0
0.4
0.01
0.1
10
1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IC - Collector Current (Amps)
0.6
0.01
10
0.1
1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC/IB=100
IC/IB=100
IC - Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
0.5
1.0
1.5
2.0
2.5
VCE=5V
IC - Collector Current (Amps)
0.6
1.0
1.4
1.8
0.01
0.1
110
VCE=5V
-55°C
+25°C
+100°C
0.4
0.8
1.2
1.6
2.2
0.2
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
0.4
-55°C
+25°C
+100°C
2.2
2.0
VBE(sat) v IC
VBE(on) v IC
FZT604 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1
0.1
10
100
1
0.01
1000
10
1s
DC
100ms
10ms
100
µs
1ms
FZT605 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1000
1
0.1
10
100
1s
DC
100ms
10ms
100
µs
1ms
1
0.01
10
78


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn