Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FZT591A Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FZT591A
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT591A Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT591A Datasheet HTML 1Page - Zetex Semiconductors FZT591A Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT223 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 - DECEMBER 2001
FEATURES
Low equivalent on resistance R
CE(sat) = 350m
at 1A
PART MARKING DETAIL -
FZT591A
COMPLEMENTARY TYPE -
FZT491A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
V
CBO
-40
V
Collector-Emitter Voltage
V
CEO
-40
V
Emitter-Base Voltage
V
EBO
-5
V
Peak Pulse Current
I
CM
-2
A
Continuous Collector Current
I
C
-1
A
Base Current
I
B
-200
mA
Power Dissipation at T
amb=25°C
P
tot
2mW
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNI
T
CONDITIONS.
Collector-Base Breakdown Voltage
V
(BR)CBO
-40
V
I
C=-100µA
Collector-Emitter Breakdown Voltage
V
(BR)CEO
-40
V
I
C=-10mA*
Emitter-Base Breakdown Voltage
V
(BR)EBO
-5
V
I
E=-100µA
Collector Cut-Off Current
I
CBO
-100
nA
V
CB=-30V
Emitter Cut-Off Current
I
EBO
-100
nA
V
EB=-4V
Collector-Emitter Cut-Off Current
I
CES
-100
nA
V
CES=-30V
Collector-Emitter Saturation
Voltage
V
CE(sat)
-0.2
-0.35
-0.5
V
V
V
IC=-100mA,IB=-1mA*
IC=-500mA,IB=-20mA*
I
C=-1A, IB=-100mA*
Base-Emitter Saturation Voltage
V
BE(sat)
-1.1
V
I
C=-1A, IB=-50mA*
Base-Emitter Turn-on Voltage
V
BE(on)
-1.0
V
I
C
=-1A, V
CE=-5V*
Static Forward Current Transfer Ratio
h
FE
300
300
250
160
30
800
I
C=-1mA,
I
C=-100mA*,
I
C=-500mA*, VCE=-5V
I
C=-1A*,
I
C=-2A*,
Transition Frequency
f
T
150
MHz I
C=-50mA, VCE=-10V
f=100MHz
Output Capacitance
C
obo
10
pF
V
CB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle  2%
Spice parameter data is available upon request for this device
FZT591A
1
FZT591A
2
C
E
B
C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn