Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2GU04GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2GU04GF
Description  Low-power dual unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2GU04GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2GU04GF Datasheet HTML 6Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 9Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 10Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 11Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 12Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 13Page - NXP Semiconductors 74AUP2GU04GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP2GU04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
10 of 16
NXP Semiconductors
74AUP2GU04
Low-power dual unbuffered inverter
14. Application information
Some applications for the 74AUP2GU04 are:
Linear amplifier (see Figure 11)
Crystal oscillator (see Figure 12)
Remark: All values given are typical values unless otherwise specified.
ZL >10kΩ.
R1
≥ 3kΩ.
R2
≤ 1MΩ.
Open loop amplification: AOL = 20.
Voltage amplification:
.
Vo(p-p) =VCC − 1.5 V centered at 0.5 × VCC.
Unity gain bandwidth product is 5 MHz.
Fig 11. Linear amplifier application
C1 = 47 pF.
C2 = 22 pF.
R1 = 1 M
Ω to 10 MΩ.
R2 optimum value depends on the frequency and required stability against changes in VCC or
average minimum ICC (ICC = 2 mA at VCC = 3.3 V and f = 10 MHz).
Fig 12. Crystal oscillator application
U04
R1
R2
VCC
ZL
mna052
1
µF
A
V
A
OL
1
R1
R2
------- 1A
OL
+
()
+
-----------------------------------------
=
mna053
U04
out
R2
R1
C1
C2


Similar Part No. - 74AUP2GU04GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2GU04GM NEXPERIA-74AUP2GU04GM Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GM-Q100 NEXPERIA-74AUP2GU04GM-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GN NEXPERIA-74AUP2GU04GN Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GS NEXPERIA-74AUP2GU04GS Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GW NEXPERIA-74AUP2GU04GW Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results

Similar Description - 74AUP2GU04GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com