Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-824-MU1N Datasheet(PDF) 5 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-824-MU1N
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-824-MU1N Datasheet(HTML) 5 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-824-MU1N_1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1N_1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
5. Characteristics
Forward Current vs. Relative Luminous Intensity
Forward Current vs. Forward Voltage
Forward Current vs. Chromaticity Coordinate
Case Temperature vs. Chromaticity Coordinate
Case Temperature vs. Forward Voltage
Case Temperature vs. Relative Luminous Intensity
Approved Checked
Drawn
Symbol
CITILIGHT
Mark
Date
SPECIFICATIONS
CITIZEN ELECTRONICS CO.,LTD.
Description Appro.
Name
CL-824-MU1N
Drawing No
If - Chromaticity Characteristics
Tc=25C
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
10
20
30
40
If(mA)
x
y
If - Iv Characteristics  Tc=25C
0%
20%
40%
60%
80%
100%
120%
140%
160%
0
10
20
30
40
If (mA)
If - Vf Characteristics  Tc=25C
0%
20%
40%
60%
80%
100%
120%
0
10
20
30
40
If (mA)
Tc - Chromaticity Characteristics
If=20mA
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
20
40
60
80
100
Tc(C)
x
y
Tc-Vf Characteristics  If=20mA
0%
20%
40%
60%
80%
100%
120%
0
20
40
60
80
100
Tc(C)
Tc-Iv Characteristics  If=20mA
0%
20%
40%
60%
80%
100%
120%
0
20
40
60
80
100
Tc(C)
Ref.CE-P416 03/09 R1(0309)


Similar Part No. - CL-824-MU1N_1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-824-MU1N-T CITIZEN-CL-824-MU1N-T Datasheet
389Kb / 11P
   LED lamp
CL-824-MU1N-T CITIZEN-CL-824-MU1N-T Datasheet
346Kb / 12P
   LED lamp
CL-824-MU1N-T CITIZEN-CL-824-MU1N-T_11 Datasheet
346Kb / 12P
   LED lamp
More results

Similar Description - CL-824-MU1N_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com