Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-824-MU1L1 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-824-MU1L1
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-824-MU1L1 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-824-MU1L1_1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1L1_1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
( 2 ) Electro-optical Characteristics
( Tc=25C )
Symbol Condition MIN
TYP
MAX
Unit
IR
VR=5V
-
-
100
μA
RJ-s
Junction-solder
-
175
-
C/W
Iv
IF=20mA 1100
1470
-
mcd
φV
IF=20mA
-
(4.1)
-
lm
*1 In accordance with NIST standard
Ranking (Condition : IF=20mA , Ta=25C)
0
0
Symbol
Rank
MIN
MAX
Unit
Q
2.8
3.0
R
3.0
3.2
S
3.2
3.5
B
1100
1251
C
1251
1693
D
1693
1840
Chromaticity coordinates
( Condition : IF=20mA ,Tc=25C )
x
y
0.4562
0.4260
0.4299
0.4165
0.4147
0.3814
0.4373
0.3893
0.4562
0.4260
Note 1) The tolerance of measurement at our tester is VF±3% , φv±10% , Chromaticity(x,y)±0.01.
Note 2) For handling ,please apply CMOS LSI or equivalent any electrostatic effect.
Approved Checked
Drawn
Symbol
CITILIGHT
2009/3/3
Mark
Date
-
IF=20mA
80
85
-
SPECIFICATIONS
Parameter
3.5
V
Reverse Current
Forward Voltage
VF
IF=20mA
2.8
Luminous Flux
Thermal resistance
Luminous Intensity*1
3.2
Parameter
Color Rank
L1
Forward Voltage
High General Color
Rendering Index
Ra
Name
CL-824-MU1L1
Luminous Intensity
VF
Iv
V
mcd
Drawing No
Issue of first edition
Description Appro.
CITIZEN ELECTRONICS CO.,LTD.
Ref.CE-P419 03/09 R1(0309)


Similar Part No. - CL-824-MU1L1_1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-824-MU1L1-T CITIZEN-CL-824-MU1L1-T Datasheet
392Kb / 11P
   LED lamp
CL-824-MU1L1-T CITIZEN-CL-824-MU1L1-T Datasheet
332Kb / 12P
   LED lamp
CL-824-MU1L1-T CITIZEN-CL-824-MU1L1-T_11 Datasheet
332Kb / 12P
   LED lamp
More results

Similar Description - CL-824-MU1L1_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com